Part Number Hot Search : 
C595R 34063A TC2055 C595R FN2474 MG141A MG1101A SMR1B
Product Description
Full Text Search
 

To Download SM1145JDS-FREQ-OUT21 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  sm1145jd series 4 lead surface mount plastic clock oscillator cmos with enable/ disable, 3rd overtone crystal used low jitter solder pad compatible to our sm11 series, epson sg615 & sg80 02j 70.00 mhz ? 170.00 mhz standard specifications overall frequency stability sm1145jd: 50 ppm, sm1144jd: 25 ppm, sm1120jd: 20 ppm over operating temp. range operating temperature range 0 to +70 c is standard, but can be extended to - 40 to +85 c for certain frequencies supply voltage (vcc) 5.0 volts and 3.3 volts available symmetry (duty cycle) 40/60 to 60/40% is standard, but 45/55% at 50% of vcc is als o available (see waveform 1) output load enable/disable option (e/d) output enabled when pin #1 is open or at logic ? 1 ? ; output disabled when pin #1 is at logic ? 0 ? . suppy current rise and fall time frequency range (mhz) typical maximum typical maximum 70.000 ? 79.999 40.0 45.0 2.0 3.0 80.000 ? 110.000 75.0 80.0 0.5 1.0 110.001 ? 119.999 80.0 90.0 0.5 1.0 120.000 ? 170.000 90.0 95.0 0.5 1.0 part numbering guide model frequency stability 45 = 50 ppm 44 = 25 ppm frequency in mhz special specifications (choose all that apply) y: std specs (5.0v 10% , 0 to +70 c, 40/60% symmetry) e: extended operating temperature range (- 40 to +85 c) s: 45/55% symmetry at 50% of vcc v: supply voltage of 3.3 volts sm11 45 jd y -- 70.0m - 30 consult factory for available frequencies and specs. not all options available for all frequencies. a special part numbe r may be assigned. mechanical: not to scale inches (mm) solder pads 19013 36th ave. west suite h lynnwood, wa 98036, usa 10% consult factory for higher frequencies frequency stability is inclusive of frequency shifts due to calibration, temperature, supply voltage, shock, vibration a nd load (425) 776 - 1880, fax: (425) 776 - 2760, ple - sales@pletronics.com, www.pletronics.com 7 feb 2002 pl tronics, inc. .15 (3.8) .315 (8.0) max .385 (9.79) max .200 (5.08) .520 (13.2) max .300 (7.62) .193 (4.9) max 1 2 3 4 out vcc gnd e/d packaging tube or 24mm tape 12mm pitch standard load is 15pf maximum, see test circuit 3 (consult f actory for heavier loads) icc (ma) w/ 15pf load tr & tf (ns) w/ 15pf load due to part size and factory abilities, part marking may var y from lot to lot and may contain our part number or an inte rnal code. logic levels logic ? 1 ? 90% of vcc min; logic ? 0 ? 10% of vcc max non-std output load blank = 15 pf max, 30 = 30 pf max, 50 = 50 pf max 1 ps rms maximum, from 12 khz to 20 mhz from carrier jitter 20 = 20 ppm .200 (5.08) 1 2 4 3 .23 (5.8) .05 (1.3) .12 (3.0)


▲Up To Search▲   

 
Price & Availability of SM1145JDS-FREQ-OUT21

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X